Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4356-RX-434 Fiches technique(PDF) 19 Page - Silicon Laboratories

No de pièce 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Fiches technique(HTML) 19 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 15Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 16Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 17Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 18Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 19Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 20Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 21Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 22Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Si4356
Rev 1.2
19
16
GND
GND
GND
17
XOUT
O
Crystal oscillator output
18
XIN
I
Crystal oscillator input
19
SEL2
I
Configuration selector pin
20
SEL3
I
Configuration selector pin
Pin
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26