Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAL855 Fiches technique(PDF) 14 Page - Micronas

No de pièce HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Fiches technique(HTML) 14 Page - Micronas

Back Button HAL855 Datasheet HTML 10Page - Micronas HAL855 Datasheet HTML 11Page - Micronas HAL855 Datasheet HTML 12Page - Micronas HAL855 Datasheet HTML 13Page - Micronas HAL855 Datasheet HTML 14Page - Micronas HAL855 Datasheet HTML 15Page - Micronas HAL855 Datasheet HTML 16Page - Micronas HAL855 Datasheet HTML 17Page - Micronas HAL855 Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
14
Sept. 19, 2013; APN000046_03EN
Micronas
3.3.
Recommended Wiring
We recommend connecting the application to the board using shielded wires.
In order to minimize the risk of electromagnetic disturbances, the cable should be as
short as possible.
Note: Especially in noisy environments beneath power switches, electromagnetic
actuators, and the like, EMI-compliant layout of the wiring is mandatory.
For recommended cable parameters, please refer to Table 3–2.
Note: The programmer board reads back the programming voltage every 80 µs in
order to be able to detect short spikes on the output voltage line. If cables other
than those specified in Table 3–2 are used, such spikes may not be detected by
the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More