| Moteur de recherche de fiches techniques de composants électroniques |
|
HAL855 Fiches technique(PDF) 5 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL855 Fiches technique(HTML) 5 Page - Micronas |
|
5 / 102 page ![]() APPLICATION NOTE HAL8xy, HAL100x Programmer Board Micronas Sept. 19, 2013; APN000046_03EN 5 Release Note: Revision bars indicate significant changes to the previous edition. 1. Introduction The Hall programmer board V 5.1 is a general-purpose programming interface which is capable of addressing the programmable Micronas Hall-effect sensor families HAL 8xy and HAL 100x. The Hall programmer board V 5.1 is fully software compatible to the Hall programmer board V 4.1. Hence, it is possible to replace older boards by V 5.1 while keeping the software programmer. 1.1. Features – Communication with a PC by serial interface (RS232) – Data transfer to/from PC board at a Baud rate of up to 57600 – Supervised programming of the Hall-effect sensors – Output voltage level control – Up to four Hall-effect sensors can be connected in parallel – Easy firmware upgrade possible |