Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAL855 Fiches technique(PDF) 61 Page - Micronas

No de pièce HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Fiches technique(HTML) 61 Page - Micronas

Back Button HAL855 Datasheet HTML 57Page - Micronas HAL855 Datasheet HTML 58Page - Micronas HAL855 Datasheet HTML 59Page - Micronas HAL855 Datasheet HTML 60Page - Micronas HAL855 Datasheet HTML 61Page - Micronas HAL855 Datasheet HTML 62Page - Micronas HAL855 Datasheet HTML 63Page - Micronas HAL855 Datasheet HTML 64Page - Micronas HAL855 Datasheet HTML 65Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
61
Step 6:
Store the registers permanently.
The “Store” sequence is given in Fig. 5–8. The permanent storing of data into the
EEPROM memory is a two-step process. First, all zero bits (ERASE), then all one bits
(PROM) are written.
Fig. 5–11: Store sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More