| Moteur de recherche de fiches techniques de composants électroniques |
|
HAL855 Fiches technique(PDF) 101 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL855 Fiches technique(HTML) 101 Page - Micronas |
|
101 / 102 page ![]() APPLICATION NOTE HAL8xy, HAL100x Programmer Board Micronas Sept. 19, 2013; APN000046_03EN 101 Step 6: The “Store” sequence is given in Fig. 7–8. The permanent storing of data into the EEPROM memory is a two-step process. First, all zero bits (ERASE), then all one bits (PROM) are written. Fig. 7–8: Store sequence BEGIN SET PROGRAMMING PULSE WIDTH STX u CHR$(100) ETX [Pulse Width 100 ms] END ERASE - PROM - READ STX c 5 1 3 0 4 0 3 0 6 1 0 0 ETX [acts on all EEPROM registers] SET DELAY OF ACKNOWLEDGE STX y CHR$(18) ETX |