| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE321 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE321 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 40 page ![]() Capacitive touch module registers STMPE321 24/40 Doc ID 15791 Rev 3 8 Capacitive touch module registers TOUCH_FIFO Touch FIFO Address: 0x19, 0x18 Type: R Reset: 0x00 Description: TOUCH_FIFO is the access port for the internal 4-level FIFO used for buffering the touch events. While it is possible to access each byte in the data structure directly, it is recommended that the FIFO is accessed only via the 0x18 address. The FIFO must be accessed in multiples of 2 bytes (LSB, MSB). For the STMPE321, MSB is reserved and LSB contains a snapshot of the recent touch event. Where Tn is touch status of touch sensing channel n. Table 10. TOUCH_FIFO summary table Address Function 0x18 FIFO-0, LSB 0x19 FIFO-0, MSB 0x1A FIFO-1, LSB 0x1B FIFO-1, MSB 0x1C FIFO-2, LSB 0x1D FIFO-2, MSB 0x1E FIFO-3, LSB 0x1F FIFO-3, MSB 76 543 2 1 0 T7 T6 T5 T4 T3 T2 T1 T0 |