Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE321 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 9Page - STMicroelectronics STMPE321 Datasheet HTML 10Page - STMicroelectronics STMPE321 Datasheet HTML 11Page - STMicroelectronics STMPE321 Datasheet HTML 12Page - STMicroelectronics STMPE321 Datasheet HTML 13Page - STMicroelectronics STMPE321 Datasheet HTML 14Page - STMicroelectronics STMPE321 Datasheet HTML 15Page - STMicroelectronics STMPE321 Datasheet HTML 16Page - STMicroelectronics STMPE321 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
STMPE321
Register map and function description
Doc ID 15791 Rev 3
13/40
0x50-0x52
STRENGTH_THRES
[0-2]
8
R/W
0x01
Setting of strength threshold for each
channel
0x60 -
0x62
STRENGTH [0-2]
8
R
0x00
Strength
0x70 -
0x72
CAL_IMPEDANCE [0-2]
8
R
0x00
Calibrated impedance
0x80 -
0x82
IMPEDANCE [0-2]
8
R
0x00
Impedance
0x92
INT_PENDING
8
R/W
0x00
Status of GINT interrupt sources
Table 5.
Register summary map table (continued)
Address
Register name
Bit
Type
Reset value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40