Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9779WD-SPI Fiches technique(PDF) 93 Page - STMicroelectronics

No de pièce L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Fiches technique(HTML) 93 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 89Page - STMicroelectronics L9779WD-SPI Datasheet HTML 90Page - STMicroelectronics L9779WD-SPI Datasheet HTML 91Page - STMicroelectronics L9779WD-SPI Datasheet HTML 92Page - STMicroelectronics L9779WD-SPI Datasheet HTML 93Page - STMicroelectronics L9779WD-SPI Datasheet HTML 94Page - STMicroelectronics L9779WD-SPI Datasheet HTML 95Page - STMicroelectronics L9779WD-SPI Datasheet HTML 96Page - STMicroelectronics L9779WD-SPI Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 141 page
background image
DocID027721 Rev 2
93/141
L9779WD-SPI
Functional description
140
Note that in case the VRS input amplitude is persistently lower than the minimum hysteresis
setting, VRS output deadlock can be removed by setting CONFIG_REG5 bit5 to 1, which
forces the hysteresis to 5 µA. This procedure is not glitch free. Once a new minimum
hysteresis value has been set, CONFIG_REG5 bit5 must return to 0.
VRS diagnostic is not available when limited adaptive mode is selected.
6.14.3
Application circuits
Figure 65. Variable reluctance sensor
Figure 66. VRs typical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More