Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9779WD-SPI Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 68Page - STMicroelectronics L9779WD-SPI Datasheet HTML 69Page - STMicroelectronics L9779WD-SPI Datasheet HTML 70Page - STMicroelectronics L9779WD-SPI Datasheet HTML 71Page - STMicroelectronics L9779WD-SPI Datasheet HTML 72Page - STMicroelectronics L9779WD-SPI Datasheet HTML 73Page - STMicroelectronics L9779WD-SPI Datasheet HTML 74Page - STMicroelectronics L9779WD-SPI Datasheet HTML 75Page - STMicroelectronics L9779WD-SPI Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 141 page
background image
Functional description
L9779WD-SPI
72/141
DocID027721 Rev 2
The Faults "DETECTION_RUNNING" & " OPEN LOAD" are latched during the during rise &
fall edge of low-side driver command, if the fault disappeared during these phases the fault
condition is no latched:
–
The FAULT DETECTION RUNNING is no latched, the fault comes back to 0 if the
current becomes higher than open load threshold, before the switch off of low-side
driver.
–
The FAULT OPEN LAOD is no latched, the fault comes back to 0 if the current
becomes higher than open load threshold, before the switch off of low-side driver.
A diagnostic read will clear the “fault detection running” flag. Anyway the diagnostic will
restart.
Figure 48. Stepper motor driver “off” diagnosis time diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More