| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI7621 Fiches technique(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI7621 Fiches technique(HTML) 35 Page - Texas Instruments |
|
35 / 298 page ![]() 2−9 Table 2−2. CardBus PC Card Signal Names Sorted Alphabetically SIGNAL NAME TERMINAL NUMBER SIGNAL NAME TERMINAL NUMBER SIGNAL NAME TERMINAL NUMBER SIGNAL NAME TERMINAL NUMBER AD0 W13 A_CAD5 A13 A_CPERR F10 B_CAD30 A16 AD1 N11 A_CAD6 F12 A_CREQ E07 B_CAD31 B15 AD2 U12 A_CAD7 C13 A_CRST A06 B_CAUDIO C17 AD3 V12 A_CAD8 E12 A_CSERR B03 B_CBLOCK J19 AD4 W12 A_CAD9 A12 A_CSTOP A09 B_CC/BE0 M18 AD5 R11 A_CAD10 B12 A_CSTSCHG B02 B_CC/BE1 K14 AD6 U11 A_CAD11 C12 A_CTRDY A08 B_CC/BE2 G18 AD7 V11 A_CAD12 B11 A_CVS1 A03 B_CC/BE3 F15 AD8 N10 A_CAD13 C11 A_CVS2 E08 B_CCD1 N13 AD9 R10 A_CAD14 G11 A_RSVD B13 B_CCD2 B17 AD10 U10 A_CAD15 E11 A_RSVD C10 B_CCLK H18 AD11 V10 A_CAD16 A10 A_RSVD D02 B_CCLKRUN A18 AD12 N09 A_CAD17 A07 A_USB_EN E02 B_CDEVSEL H19 AD13 R09 A_CAD18 B07 B_CAD0 P19 B_CFRAME G19 AD14 U09 A_CAD19 C07 B_CAD1 P17 B_CGNT J15 AD15 V09 A_CAD20 G09 B_CAD2 P18 B_CINT B19 AD16 R07 A_CAD21 B06 B_CAD3 M13 B_CIRDY J13 AD17 U06 A_CAD22 C06 B_CAD4 N15 B_CPAR K13 AD18 V06 A_CAD23 B05 B_CAD5 N18 B_CPERR J18 AD19 W06 A_CAD24 E06 B_CAD6 N19 B_CREQ E18 AD20 P06 A_CAD25 A04 B_CAD7 M15 B_CRST F17 AD21 R06 A_CAD26 B04 B_CAD8 M14 B_CSERR B18 AD22 U05 A_CAD27 B01 B_CAD9 M17 B_CSTOP J17 AD23 V05 A_CAD28 C02 B_CAD10 L19 B_CSTSCHG F14 AD24 V04 A_CAD29 D03 B_CAD11 L18 B_CTRDY H17 AD25 U04 A_CAD30 C01 B_CAD12 L17 B_CVS1 C18 AD26 V03 A_CAD31 D01 B_CAD13 L15 B_CVS2 F19 AD27 W02 A_CAUDIO A02 B_CAD14 K18 B_RSVD A15 AD28 U03 A_CBLOCK E10 B_CAD15 L13 B_RSVD K15 AD29 V02 A_CC/BE0 G12 B_CAD16 K17 B_RSVD N17 AD30 V01 A_CC/BE1 B10 B_CAD17 G17 B_USB_EN E01 AD31 U02 A_CC/BE2 F09 B_CAD18 H15 C/BE0 W11 AGND N12 A_CC/BE3 C05 B_CAD19 H14 C/BE1 W09 AGND U14 A_CCD1 C15 B_CAD20 F18 C/BE2 W07 AGND U16 A_CCD2 E05 B_CAD21 G15 C/BE3 W04 AVDD R13 A_CCLK E09 B_CAD22 E19 CLK_48 M01 AVDD R14 A_CCLKRUN C03 B_CAD23 E17 CLOCK L06 AVDD V17 A_CDEVSEL C09 B_CAD24 D18 CNA P15 A_CAD0 E14 A_CFRAME C08 B_CAD25 C19 CPS M11 A_CAD1 B14 A_CGNT B09 B_CAD26 D17 DATA N01 A_CAD2 A14 A_CINT C04 B_CAD27 C16 DEVSEL N08 A_CAD3 E13 A_CIRDY B08 B_CAD28 A17 FRAME V07 A_CAD4 C14 A_CPAR G10 B_CAD29 B16 GND G07 |