| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI7621 Fiches technique(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI7621 Fiches technique(HTML) 34 Page - Texas Instruments |
|
34 / 298 page ![]() 2−8 Table 2−1. Signal Names by GHK Terminal Number (Continued) TERMINAL SIGNAL NAME TERMINAL SIGNAL NAME TERMINAL NUMBER CardBus PC Card 16-Bit PC Card TERMINAL NUMBER CardBus PC Card 16-Bit PC Card R19 XO XO V06 AD18 AD18 T01 GRST GRST V07 FRAME FRAME T02 GNT GNT V08 PERR PERR T03 RI_OUT/PME RI_OUT/PME V09 AD15 AD15 T17 VSSPLL VSSPLL V10 AD11 AD11 T18 VDPLL_15 VDPLL_15 V11 AD7 AD7 T19 RSVD RSVD V12 AD3 AD3 U01 REQ REQ V13 PC2(TEST3) PC2(TEST3) U02 AD31 AD31 V14 TPB0P TPB0P U03 AD28 AD28 V15 TPA0P TPA0P U04 AD25 AD25 V16 TPB1P TPB1P U05 AD22 AD22 V17 AVDD AVDD U06 AD17 AD17 V18 TPA1P TPA1P U07 IRDY IRDY V19 VDPLL_33 VDPLL_33 U08 SERR SERR W02 AD27 AD27 U09 AD14 AD14 W03 VCCP VCCP U10 AD10 AD10 W04 C/BE3 C/BE3 U11 AD6 AD6 W05 IDSEL IDSEL U12 AD2 AD2 W06 AD19 AD19 U13 PC1(TEST2) PC1(TEST2) W07 C/BE2 C/BE2 U14 AGND AGND W08 STOP STOP U15 TPBIAS0 TPBIAS0 W09 C/BE1 C/BE1 U16 AGND AGND W10 VCCP VCCP U17 TPBIAS1 TPBIAS1 W11 C/BE0 C/BE0 U18 R0 R0 W12 AD4 AD4 U19 R1 R1 W13 AD0 AD0 V01 AD30 AD30 W14 TPB0N TPB0N V02 AD29 AD29 W15 TPA0N TPA0N V03 AD26 AD26 W16 TPB1N TPB1N V04 AD24 AD24 W17 NC NC V05 AD23 AD23 W18 TPA1N TPA1N |