Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK09916 Fiches technique(PDF) 14 Page - Asahi Kasei Microsystems

No de pièce AK09916
Description  3-axis Electronic Compass
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK09916 Fiches technique(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AK09916 Datasheet HTML 10Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 11Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 12Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 13Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 14Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 15Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 16Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 17Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 18Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
[AK09916]
015007392-E-02
2015/12
- 14 -
Self-test Mode
9.4.4.
Self-test mode is used to check if the magnetic sensor is working normally.
When Self-test mode (MODE[4:0] bits = “10000”) is set, magnetic field is generated by the internal
magnetic source and magnetic sensor is measured. Measurement data is stored to measurement data registers
(HXL to HZH), then AK09916 transits to Power-down mode automatically.
Data read sequence and functions of read-only registers in Self-test mode is the same as Single measurement
mode.
9.4.4.1. Self-test Sequence
(1) Set Power-down mode. (MODE[4:0] bits = “00000”)
(2) Set Self-test mode. (MODE[4:0] bits = “10000”)
(3) Check Data Ready or not by polling DRDY bit of ST1 register.
When Data Ready, proceed to the next step.
(4) Read measurement data. (HXL to HZH)
9.4.4.2. Self-test Judgment
When measurement data read by the above sequence is in the range of following table, AK09916 is working
normally.
HX[15:0] bits
HY[15:0] bits
HZ[15:0] bits
Criteria
-200
HX 200
-200
HY 200
-1000
HZ -200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com