Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK09916 Fiches technique(PDF) 12 Page - Asahi Kasei Microsystems

No de pièce AK09916
Description  3-axis Electronic Compass
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK09916 Fiches technique(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AK09916 Datasheet HTML 8Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 9Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 10Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 11Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 12Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 13Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 14Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 15Page - Asahi Kasei Microsystems AK09916 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
[AK09916]
015007392-E-02
2015/12
- 12 -
9.4.3.3. Data Read Start during Measurement
When sensor is measuring (Measurement period), measurement data registers (HXL to TMPS) keep the
previous data. Therefore, it is possible to read out data even in measurement period. If data is started to be
read during measurement period, previous data is read.
(N-1)th
Nth
(N+1)th
PD
Measurement
PD
Measurement
PD
Measurement Data Register
(N-1)th
Nth
DRDY
Data read
ST1
Data(N)
ST2
ST1
Data(N)
ST2
Figure 9.6. Data read start during measurement
9.4.3.4. Data Skip
When Nth data was not read before (N+1)th measurement ends, Data Ready remains until data is read. In
this case, a set of measurement data is skipped so that DOR bit turns to “1”.
When data reading started after Nth measurement ended and did not finish reading before (N+1)th
measurement ended, Nth measurement data is protected to keep correct data. In this case, a set of
measurement data is skipped and not stored so that DOR bit turns to “1”.
In both case, DOR bit turns to “0” at the next start of data reading.
(N-1)th
Nth
(N+1)th
PD
Measurement
PD
Measurement
PD
Measurement Data Register
(N-1)th
Nth
(N+1)th
DRDY
DOR
Data read
ST1
Data(N+1)
ST2
Figure 9.7. Data Skip: When data is not read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com