| Moteur de recherche de fiches techniques de composants électroniques |
|
LINR2 Fiches technique(PDF) 19 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
LINR2 Fiches technique(HTML) 19 Page - fujitsu semiconductor |
|
19 / 108 page ![]() MB96320 Series FME-MB96320 rev 7 19 ■ SERIAL PROGRAMMING COMMUNICATION INTERFACE Note: If a Flash programmer and its software needs to use a handshaking pin, Fujitsu suggests to the tool vendor to support at least port P00_1 on pin 31. If handshaking is used by the tool but P00_1 is not available in customer’s application, Fujitsu suggests to the customer to check the tool manual or to contact the tool vendor for alternative handshaking pins. USART channels for Flash programming (MD[2:0] = 010, Serial Communication mode) MB96F32x Pin number USART Number Normal function LQFP-80 10 USART2 SIN2 11 SOT2 12 SCK2 42 USART3 SIN3 43 SOT3 44 SCK3 32 USART7 SIN7_R 31 SOT7_R 30 SCK7_R 35 USART8 SIN8_R 34 SOT8_R 33 SCK8_R |