Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LINR2 Fiches technique(PDF) 8 Page - fujitsu semiconductor

No de pièce LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

LINR2 Fiches technique(HTML) 8 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 4Page - fujitsu semiconductor LINR2 Datasheet HTML 5Page - fujitsu semiconductor LINR2 Datasheet HTML 6Page - fujitsu semiconductor LINR2 Datasheet HTML 7Page - fujitsu semiconductor LINR2 Datasheet HTML 8Page - fujitsu semiconductor LINR2 Datasheet HTML 9Page - fujitsu semiconductor LINR2 Datasheet HTML 10Page - fujitsu semiconductor LINR2 Datasheet HTML 11Page - fujitsu semiconductor LINR2 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
MB96320 Series
8
FME-MB96320 rev 7
■ BLOCK DIAGRAM
Block diagram of MB96(F)32x
16FX
CPU
DMA
Controller
Interrupt
Controller
Boot ROM
Peripheral
Bus Bridge
Clock &
Mode Controller
Flash
Peripheral
Bus Bridge
16FX Core Bus (CLKB)
USART
4 ch.
I2C
1 ch.
10-bit ADC
18 ch.
16-bit Reload
Timer
4 ch.
I/O Timer 0
ICU 0/1/2/3
I/O Timer 1
ICU 4/5/6/7
OCU 4/5/6/7
I/O Timer 2
ICU 8/9
I/O Timer 3
ICU 10/11
16-bit PPG
20 ch.
CAN
Interface
2 ch.
External
Interrupt
Real Time
Clock
Memory Patch
Unit
Watchdog
RAM
Voltage
Regulator
SIN2, SIN2_R, SIN3, SIN7_R, SIN8_R
SOT2, SOT2_R, SOT3, SOT7_R, SOT8_R
SCK2, SCK2_R, SCK3, SCK7_R, SCK8_R
WOT
SDA0
SCL0
AVCC
AVSS
AVRH
AN0 ... AN17
ADTG_R
TIN0_R, TIN2_R
FRCK0
IN0 ... IN3
FRCK1
IN4 ... IN7
OUT4 ... OUT7
FRCK2_R
IN8, IN9
FRCK3
IN10,IN11
INT0, INT1, INT8 ... INT15
TX1, TX2 *2
RX1, RX2 *2
AD00 ... AD15
A16 ... A23
ALE
RDX
WR(L)X, WRHX
HRQ
HAKX
RDY
ECLK
External Bus
Interface
VCC
VSS
C
PPG0 ... PPG15, PPG17 ... PPG19
TTG0 ... TTG15, TTG17 ... TTG19
LBX, UBX
CS0_R ... CS5_R, CS4, CS5
NMI, NMI_R
OUT10_R, OUT11
OCU 10/11
INT0_R, INT2_R ... INT5_R
INT3_R1
INT7_R, INT9_R ... INT11_R
PPG8_R ... PPG11_R, PPG16_R ... PPG19_R
TTG8_R ... TTG11_R, TTG16_R ... TTG19_R
TIN1, TIN3
TOT0_R, TOT2_R
TOT1, TOT3
Memory A
CKOT0_R, CKOT1, CKOT1_R
CKOTX1
X0, X1
X0A, X1A *1
RSTX
MD0...MD2
*1: X0A, X1A only available on devices with suffix “W”
RLT6
*2: CAN interfaces are not available on MB96F326A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More