| Moteur de recherche de fiches techniques de composants électroniques |
|
LINR2 Fiches technique(PDF) 13 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
LINR2 Fiches technique(HTML) 13 Page - fujitsu semiconductor |
|
13 / 108 page ![]() MB96320 Series FME-MB96320 rev 7 13 ■ PIN CIRCUIT TYPE *1: Please refer to “ ■ I/O CIRCUIT TYPE” for details on the I/O circuit types *2: Devices with suffix ”W” *3: Devices without suffix ”W” Pin circuit types FPT-80P-M21 Pin no. Circuit type *1 1 Supply 2G 3 to 18 I 19 to 21 H 22,23 Supply 24,25 B *2 24,25 H *3 26 to 28 C 29 to 56 H 57 E 58,59 A 60,61 Supply 62 F 63 to 65 H 66,67 N 68 to 77 H 78 to 79 I 80 Supply |