| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2196 Fiches technique(PDF) 48 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 Fiches technique(HTML) 48 Page - Dallas Semiconductor |
|
48 / 157 page ![]() DS2196 48 of 157 (MSB) (LSB) RJC EAMS MECU RCM4 RCM3 RCM2 RCM1 RCM0 SYMBOL POSITION NAME AND DESCRIPTION RJC CCR6B.7 Receive Japanese CRC6 Enable. 0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation) 1 = use Japanese standard JT–G704 CRC6 calculation EAMS CCR6B.6 Error Accumulation Mode Select. 0 = CCR3B.2 determines accumulation time 1 = CCR6B.5 determines accumulation time MECU CCR6B.5 Manual Error Counter Update. When enabled by CCR6B.6, the changing of this bit from a 0 to a 1 allows the next clock cycle to load the error counter registers with the latest counts and reset the counters. The user must wait a minimum of 972 ns (1.5 clock periods) before reading the error count registers to allow for proper update. RCM4 CCR6B.4 Receive Channel Monitor Bit 4. MSB of a channel decode that determines which receive channel data will appear in the RDS0M register. See Section 10 for details. RCM3 CCR6B.3 Receive Channel Monitor Bit 3. RCM2 CCR6B.2 Receive Channel Monitor Bit 2. RCM1 CCR6B.1 Receive Channel Monitor Bit 1. RCM0 CCR6B.0 Receive Channel Monitor Bit 0. LSB of the channel decode. |