| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2196 Fiches technique(PDF) 40 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 Fiches technique(HTML) 40 Page - Dallas Semiconductor |
|
40 / 157 page ![]() DS2196 40 of 157 CCR2A: COMMON CONTROL REGISTER 2 FRAMER A (Address = 38 Hex) (MSB) (LSB) TFM TB8ZS TSLC96 TZSE RFM RB8ZS RSLC96 RFDL SYMBOL POSITION NAME AND DESCRIPTION TFM CCR2A.7 Transmit Frame Mode Select. 0 = D4 framing mode 1 = ESF framing mode TB8ZS CCR2A.6 Transmit B8ZS Enable. 0 = B8ZS disabled 1 = B8ZS enabled TSLC96 CCR2A.5 Transmit SLC–96 / Fs–Bit Insertion Enable. Only set this bit to a 1 in D4 framing applications. Must be set to 1 to source the Fs pattern. See Section 18 for details. 0 = SLC–96/Fs–bit insertion disabled 1 = SLC–96/Fs–bit insertion enabled TZSE CCR2A.4 Transmit FDL Zero Stuffer Enable. Set this bit to 0 if using the internal HDLC/BOC controller instead of the legacy support for the FDL. See Section 18 for details. 0 = zero stuffer disabled 1 = zero stuffer enabled RFM CCR2A.3 Receive Frame Mode Select. 0 = D4 framing mode 1 = ESF framing mode RB8ZS CCR2A.2 Receive B8ZS Enable. 0 = B8ZS disabled 1 = B8ZS enabled RSLC96 CCR2A.1 Receive SLC–96 Enable. Only set this bit to a 1 in D4/SLC– 96 framing applications. See Section 18 for details. 0 = SLC–96 disabled 1 = SLC–96 enabled RFDL CCR2A.0 Receive FDL Zero Destuffer Enable. Set this bit to 0 if using the internal HDLC/BOC controller instead of the legacy support for the FDL. See Section 18 for details. 0 = zero destuffer disabled 1 = zero destuffer enabled |