| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2196 Fiches technique(PDF) 95 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 Fiches technique(HTML) 95 Page - Dallas Semiconductor |
|
95 / 157 page ![]() DS2196 95 of 157 BIC: BERT INTERFACE CONTROL REGISTER (Address = 50 Hex) (MSB) (LSB) – RFUS RRCB RABS TBAT TFUS TTCB TABS SYMBOL POSITION NAME AND DESCRIPTION –BIC.7 Not Assigned. Should be set to 0 when written to. RFUS BIC.6 Receive Framed/Unframed Select. 0 = BERT will not be sent data from the F-bit position (framed) 1 = BERT will be sent data from the F-bit position (unframed) RRCB BIC.5 Receive RCHBLK Select. 0 = do not use RCHBLK to select which DS0 channels are to be routed to BERT 1 = use RCHBLK to select which DS0 channels are to be routed to BERT RABS BIC.4 Receive Framer A or B Select. 0 = route data from framer A 1 = route data from framer B TBAT BIC.3 Transmit Byte Align Toggle. A 0 to 1 transition will force the BERT to byte align it’s pattern with the transmit formatter. This bit must be transitioned in order to byte align the Daly Pattern. TFUS BIC.2 Transmit Framed/Unframed Select. 0 = BERT will not source data into the F-bit position (framed) 1 = BERT will source data into the F-bit position (unframed) TTCB BIC.1 Transmit TCHBLK Select. 0 = do not use TCHBLK to select which DS0 channels are to contain BERT data 1 = use TCHBLK to select which DS0 channels are to contain BERT data TABS BIC.0 Transmit Formatter A or B Select. 0 = route data to formatter A 1 = route data to formatter B |