| Moteur de recherche de fiches techniques de composants électroniques |
|
P9038-RNDGI Fiches technique(PDF) 4 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
P9038-RNDGI Fiches technique(HTML) 4 Page - Integrated Device Technology |
|
4 / 18 page ![]() P9038 DATASHEET ©2016 Integrated Device Technology, Inc. 4 P9038 August 1, 2016 ISENIR Input Range ISNSP_IN, ISNSN_IN REGIN -0.3V - REGIN +0.15V V ISENACC Current Sense Accuracy VREGIN = 4.5 to 7.2V, ISENSR = 1.5A, Note 1 +/- 3 % LDO2P5V3 VIN VIN VIN VIN VIN VIN VIN VOUT VOUT VOUT VOUT VOUT VOUT VOUT IOUT_MAX IOUT_MAX IOUT_MAX IOUT_MAX IOUT_MAX IOUT_MAX IOUT_MAX LDO5V3 VIN Input Voltage 4.5 6.9 V VOUT Output Voltage ILOAD = 10mA, REG_IN = 5.5 5 V IOUT_MAX Maximum Output Current 10 mA Thermal Shutdown TSD Thermal Shutdown Threshold Rising 140 °C Threshold Falling 110 °C EN VIH 1.1 V VIL 0.3 V IEN EN Input Current VEN = 6.9V 25 μA General Purpose Inputs / Outputs (GPIO) 5 VIH Input Threshold High 3.5 V VIL Input Threshold Low 1.5 V ILKG Input Leakage -1 +1 µA VOH Output Logic High IOH = -8mA 4 V VOL Output Logic Low IOL = 8mA 0.5 V RESET VIH Input Threshold High 3.5 V VIL Input Threshold Low 1.5 V ILKG Input Leakage -1 +1 µA DP/DM CHARGER DETECTION VDP_SRC VDM_SRC DP and DM Voltage Source 0.6 V DP and DM Voltage Source Output Source Current VDP or VDM between 0.5V and 0.7V 250 µA DP and DM Voltage Source Output Sink Current VDP or VDM at 2.2V 500 µA IDP_SINK IDM_SINK Current Sink 25 100 175 µA IDP_SRC Current Source 7 13 µA VDAT_REF Data Detect Voltage 0.25 0.4 V VDP/DM_LGCHI Logic High 2.0 V Symbol Description Conditions Min Typ Max Units |