| Moteur de recherche de fiches techniques de composants électroniques |
|
P9038-RNDGI Fiches technique(PDF) 2 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
P9038-RNDGI Fiches technique(HTML) 2 Page - Integrated Device Technology |
|
2 / 18 page ![]() P9038 DATASHEET ©2016 Integrated Device Technology, Inc. 2 P9038 August 1, 2016 Absolute Maximum Ratings Stresses above the ratings listed below (Table 1 and Table 2) can cause permanent damage to the P9038. These ratings, which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range. Table 1: Absolute Maximum Ratings Summary. (All voltages are referred to ground.) Table 2: Package Thermal Information1,2,3 NOTES: 1. The maximum power dissipation is PD(MAX) = (TJ(MAX) - TA) / ΘJA where TJ(MAX) is 125°C. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the device will enter thermal shutdown. 2. This thermal rating was calculated on JEDEC 51 standard 4-layer board with dimensions 3" x 4.5" in still air conditions. 3. Actual thermal resistance is affected by PCB size, solder joint quality, layer count, copper thickness, air flow, altitude, and other unlisted variables. Table 3: ESD Information Pins Rating Units VBUS_SNS -0.3 to 27 V EN, IN, REG_IN, SW1, SW2, ISNSN_IN, ISNSP_IN -0.3 to 12.5 V GPIO_6:0, SCL, SDA, RESET, DP, DM, NC, NC1, NC2, NC3, SHIELD2, LDO5V, LDO2P5V_IN, INV5V_IN, VFOD_SNS, ISNS, HPF, OVP_SEL, ISNS_V -0.3 to 5.5 V BST1, BST2 -0.3 to SW+6 V GATE -0.3 to REG_IN+6 V GND, REFGND, PGND1, PGND2 +0.3 V SHIELD1 -0.3 to 8 V LDO2P5V -0.3 to 2.75 V Symbol Description Rating (VFQFPN) Units ΘJA Thermal Resistance Junction to Ambient 25.5 C/W ΘJC Thermal Resistance Junction to Case 8.6 C/W ΘJB Thermal Resistance Junction to Board 2.4 C/W TJ Operating Junction Temperature -40 to +125 C TA Ambient Operating Temperature -40 to +85 C TSTG Storage Temperature -55 to +150 C TLEAD Lead Temperature (soldering, 10s) +300 C Test Model Pins Ratings Units HBM All pins ±2000 V CDM All pins ±500 V |