Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P9038-RNDGI Fiches technique(PDF) 3 Page - Integrated Device Technology

No de pièce P9038-RNDGI
Description  8W, Qi-compliant, Wireless Power Transmitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

P9038-RNDGI Fiches technique(HTML) 3 Page - Integrated Device Technology

  P9038-RNDGI Datasheet HTML 1Page - Integrated Device Technology P9038-RNDGI Datasheet HTML 2Page - Integrated Device Technology P9038-RNDGI Datasheet HTML 3Page - Integrated Device Technology P9038-RNDGI Datasheet HTML 4Page - Integrated Device Technology P9038-RNDGI Datasheet HTML 5Page - Integrated Device Technology P9038-RNDGI Datasheet HTML 6Page - Integrated Device Technology P9038-RNDGI Datasheet HTML 7Page - Integrated Device Technology P9038-RNDGI Datasheet HTML 8Page - Integrated Device Technology P9038-RNDGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
P9038 DATASHEET
P9038 August 1, 2016
3
©2016 Integrated Device Technology, Inc.
Electrical Specifications Table
Table 4: Device Characteristics
VIN = 5V, EN = 0V, CIN = 40μF, Coil = A11, CS = 400nF, TA = -40° to +85°C, unless otherwise noted. Typical values are at 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Input Supplies & UVLO
VBUS
Input Operating Range
VBUS_MIN to OVP_Max
4.5
6.9
V
IIN_REGIN2
Standby Input Current
(no ping)
After power-up sequence complete.
No coil, no switching at SW1, SW2,
LDO5V, LDO2P5V. REG_IN = 6.9V
812
mA
Standby Input Current
(pinging)
After power-up sequence complete.
Average including pinging.
15
mA
Sleep Mode
Input Current
EN= REG_IN = 6.9V
600
uA
IIN_VBUS_SNS
VBUS_SNS
Input Current
VBUS_SNS = 6.9V
1
mA
VREGIN_UVLO
REGIN Under-Voltage
Protection Trip Points
Rising
4.1
V
Falling
3.4
V
Hysteresis
150
mV
Full Bridge PWM Generators
FSW
Switching Frequency
110
205
kHz
FSW LSB
Switching Frequency
Step Size
12.5
ns
Duty4
Duty Cycle
VREG = 4.5V-6.9V
10
50
90
%
Full Bridge Inverter
IHS_OCP_RNG
Over-Current Protection
Trip Point Range
VIN = 5V, cycle-by-cycle protection,
programmable range
315
A
IHS_OCP_ACC
Over-Current Protection
Trip Point Accuracy
VIN = 5V, OCP Setting = 5A
-20
20
%
Input OVP, Inrush Control, and Current Limit
VBUS_OVP
VBUS Over-Voltage
Protection Trip Point
VBUS rising, OVP_SEL pin grounded
6.7
7.15
V
VBUS rising, OVP_SEL pin 220k 5% to
GND
5.8
6.3
V
VBUS rising, OVP_SEL pin floating
7.3
7.85
V
Hysteresis
200
mV
VREG_OVP
REG_IN Over-Voltage
Protection Trip Point
VREG_IN rising
9.3
9.8
V
TGATE_RISE
GATE Voltage Rise
Time
VBUS = 5V, Gate cap = 4nF
VGATE = 1V to VIN+4V
3.6
ms
DGATE_FALL
Delay from input OVP to
GATE Voltage
Pull-down
VGATE Pull down Time, Gate cap = 4nF
VGATE = VIN+4V to VIN
400
ns
IGATE_LKG
GATE Leakage
VBUS_SNS = 0V, REG_IN = 5V,
VGATE = 10V
-1
+1
µA
Input Average Current Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18