| Moteur de recherche de fiches techniques de composants électroniques |
|
KS0708 Fiches technique(PDF) 24 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KS0708 Fiches technique(HTML) 24 Page - Samsung semiconductor |
|
24 / 27 page ![]() PRELIMINARY SPECIFICATION 64COM/128SEG DRIVE FOR DOT MATRIX LCD KS0708 24 M/M-96-D001 97-09-19 SPECIFICATIONS Absolute Maximum Ratings Parameter Symbol Rating Unit Note Operating voltage VDD -0.3 ~ +7.0 V *1 Supply Voltage VEE VDD-19.0 ~ VDD+0.3 *4 Driver Sypply Voltage VB -0.3 ~ VDD+0.3 *1,3 VLCD VEE-0.3 ~ VDD+0.3 *2 Note : *1. Based on Vss = 0V *2. VLCD = VDD - VEE *3. Applies to SHL, FS, PCLK2, CR, RESETB, ADC, CS1B, CS2B, E, RW, RS and DB0 ~ DB7. *4. Voltage level VDD ¡Ã V0 ¡Ã V1 ¡Ã V2 ¡Ã V3 ¡Ã V4 ¡Ã V5 ¡Ã VEE Temperature Characteristics Parameter Symbol Rating Unit Note Operating temperature Topr -30 ~ +85 ¡É Storage temperature Tstg -55 ~ +125 |