Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KS0708 Fiches technique(PDF) 2 Page - Samsung semiconductor

No de pièce KS0708
Description  64COM/128SEG DRIVE FOR DOT MATRIX LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0708 Fiches technique(HTML) 2 Page - Samsung semiconductor

  KS0708 Datasheet HTML 1Page - Samsung semiconductor KS0708 Datasheet HTML 2Page - Samsung semiconductor KS0708 Datasheet HTML 3Page - Samsung semiconductor KS0708 Datasheet HTML 4Page - Samsung semiconductor KS0708 Datasheet HTML 5Page - Samsung semiconductor KS0708 Datasheet HTML 6Page - Samsung semiconductor KS0708 Datasheet HTML 7Page - Samsung semiconductor KS0708 Datasheet HTML 8Page - Samsung semiconductor KS0708 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PRELIMINARY SPECIFICATION
64COM/128SEG DRIVE FOR DOT MATRIX LCD
KS0708
2
M/M-96-D001
97-09-19
BLOCK DIAGRAM
64 CHANNEL
SEGMENT
DRIVER
64 CHANNEL
SEGMENT
DRIVER
32
CHANNEL
COMMON
DRIVER
32BIT
SHIFT REG
32
CHANNEL
COMMON
32BIT
SHIFT REG
64-BIT DATA LATCH
64-BIT DATA LATCH
DISPLAY DATA RAM
64 X 64 = 4,096 BITS
DISPLAY DATA RAM
64 X 64 = 4,096 BITS
Column Decoder
Column Decoder
RAM Address register
RAM Address register
INSTRUCTION
DECODER
INSTRUCTION
DECODER
ISTATUS
REGISTER
STATUS
REGISTER
I/O REGISTER
I/O BUFFER
I/O BUFFER
OSCILLATOR
DISPLAY
TIMING
GENERATOR
CIRCUIT
C1 ... C32
S1 S2
...
S63 S64 S65 S66
...
S127 S128 C33...C64
...
...
...
...
SHL
PCLK2
VDD
V0
V1
V2
V3
V4
V5
VEE
VSS
FS
C
CR
R
ADC
DB0 ~ DB7
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27