| Moteur de recherche de fiches techniques de composants électroniques |
|
KS0708 Fiches technique(PDF) 22 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KS0708 Fiches technique(HTML) 22 Page - Samsung semiconductor |
|
22 / 27 page ![]() PRELIMINARY SPECIFICATION 64COM/128SEG DRIVE FOR DOT MATRIX LCD KS0708 22 M/M-96-D001 97-09-19 ¡á APPLICATION DIAGRAM3 (ADC = L, SHL = L) MPU C33 . . . . C64 C1 . . . . C32 S128 S127 . . . S2 S1 KS0708 (Bottom View) COM1 . . COM32 LCD Panel (64 x 128) COM33 . . COM64 SEG1 SEG2 .... SEG127 SEG128 * Note When ADC = L, connects chip select pins (CS1B, CS2B) as following. - CS1B (MPU) -> CS2B (KS0708) - CS2B (MPU) -> CS1B (KS0708) Figure 9. Application Diagram 3 12 VDD VEE V0 V1 V2 V3 V4 V5 |