Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW451027T/HF Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STW451027T/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027T/HF Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STW451027T/HF Datasheet HTML 19Page - STMicroelectronics STW451027T/HF Datasheet HTML 20Page - STMicroelectronics STW451027T/HF Datasheet HTML 21Page - STMicroelectronics STW451027T/HF Datasheet HTML 22Page - STMicroelectronics STW451027T/HF Datasheet HTML 23Page - STMicroelectronics STW451027T/HF Datasheet HTML 24Page - STMicroelectronics STW451027T/HF Datasheet HTML 25Page - STMicroelectronics STW451027T/HF Datasheet HTML 26Page - STMicroelectronics STW451027T/HF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
23/57
Power control register @ 1Eh
Address:
1Eh
Type:
R/W
Reset:
0000_0000
Description:
Power control register @ 1Fh
Address:
1Fh
Type:
R/W
Reset:
0000_0000
Description:
76
543210
reg address 3 bits
data din/dout 4 bits
EN
R/W
R/W
R/W
[7:5] reg address 3 bits
See
Table 11 “Address” column (LSB’s). Default = 0
[4:1] data din/dout 4 bits
See
Table 11 control register
[0] EN
0: Read enabled (default)
1: Write enabled
15
14
13
12
10
987654
3210
Reserved
reg address 2 bits
Reserved
R/W
[15:8] Reserved
[9:8] reg address 2 bits
See
Table 11 “Address” column (MSB’s), default = 0
[7:0] Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57