Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW451027T/HF Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STW451027T/HF
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW451027T/HF Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STW451027T/HF Datasheet HTML 5Page - STMicroelectronics STW451027T/HF Datasheet HTML 6Page - STMicroelectronics STW451027T/HF Datasheet HTML 7Page - STMicroelectronics STW451027T/HF Datasheet HTML 8Page - STMicroelectronics STW451027T/HF Datasheet HTML 9Page - STMicroelectronics STW451027T/HF Datasheet HTML 10Page - STMicroelectronics STW451027T/HF Datasheet HTML 11Page - STMicroelectronics STW451027T/HF Datasheet HTML 12Page - STMicroelectronics STW451027T/HF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Ball information
9/57
A3, C4
Vlx_Vsdc2
AIO (Vbat)
Vsdc2 Step Down DC/DC output converter
A5
Vsdc2
AO (Vbat)
Vsdc2 Step Down DC/DC output converter
D9, D10
Vbat_Vsdc1
VDDA
Vsdc1 Step Down DC/DC input power supply
converter
B10, C9
Gnd_Vsdc1
VSSA
Vsdc1 Step Down DC/DC ground converter
C10, D8
Vlx_Vsdc1
AIO (Vbat)
Vsdc Step Down DC/DC output converter
A10
Vsdc1
AO (Vbat)
Vsdc1 Step Down DC/DC output converter
C7
Vbat_Vana1_Vana3
VDDA
Vana1 & Vana3 low drop input supply
regulator
A8
Vana3
AO (Vbat)
Vana3 low drop output supply regulator
B7
Gnd_Vana1_Vana3
VSSA
Vana1 & Vana3 low drop ground regulator
B6
Vbat_Vdig
VDDA
Vdig low drop input supply regulator
A6
Vdig
AO (Vbat)
Vdig low drop output supply regulator
C5
Gnd_Vdig
VSSA
Vdig low drop ground regulator
A7
Vana1
AO (Vbat)
Vana1 low drop output supply regulator
F9
Vbat_Vana2
VDDA
Vana2 low drop input supply regulator
F10
Vana2
AO (Vbat)
Vana2 low drop output supply regulator
E9, F8
Gnd_Vana2
VSSA
Vana2 low drop ground regulator
J4
Vbat_Vmmc
VDDA
Vmmc low drop input supply regulator
K5
Vmmc
AO (Vbat)
Vmmc low drop output supply regulator
Step down DC/DC converters & voltage selection
K7
Vsdc1_sel0
DI (Vbat)
Vsdc1 voltage selection
E8
Vsdc1_sel1
DI (Vbat)
Vsdc1 voltage selection
J8
Vana3_sel0
DI (Vbat)
Vana3 voltage selection
H8
Vana3_sel1
DI (Vbat)
Vana3 voltage selection
J5
Vdig_sel0
DI (Vbat)
Vdig voltage selection
H9
Vdig_sel1
DI (Vbat)
Vdig voltage selection
K6
Vana1_sel0
DI (Vbat)
Vana1 voltage selection
G9
Vana1_sel1
DI (Vbat)
Vana1 voltage selection
J7
Vana2_sel0
DI (Vbat)
Vana2 voltage selection
K8
Vana2_sel1
DI (Vbat)
Vana2 voltage selection
Table 3.
STw4510 ball description for the 6 mm x 6 mm package (continued)
Ball
Ball name
Ball type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57