| Moteur de recherche de fiches techniques de composants électroniques |
|
STW451027T/HF Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW451027T/HF Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) STw4510 Ball information 7/57 2 Ball information The 6 mm x 6 mm package is useful for keeping all the selected value available for Vana(i) (i=1 to 3), Vdig and Vsdc1. When using the 4 mm x 4 mm package, Vdig is set to 1.2V, Vsdc1 output voltage is controlled via I2C and Vana(i) have only one selection bit available instead of 2. 2.1 Ball connections in TFBGA84 6 mm x 6 mm package 2.2 Ball connections in TFBGA49 4 mm x 4 mm package Table 1. STw4510 ball connections in TFBGA84 6 mm x 6 mm x 1.2 mm package 1 2 3 4 5 6789 10 A Clk32k_in Gnd_Vsdc2 Vlx_Vsdc2 Vbat_Vsdc2 Vsdc2 Vdig Vana1 Vana3 Vref_18 Vsdc1 B “Reserved” “Reserved” Gnd_Vsdc2 Vbat_Vsdc2 Gnd_ana Vbat_Vdig Gnd_Vana1 _Vana3 “Reserved” “Reserved” Gnd_Vsdc1 C “Reserved” “Reserved” Gnd_osc Vlx_Vsdc2 Gnd_Vdig Vbat_ana Vbat_Vana1 _Vana3 Pon Gnd_Vsdc1 Vlx_Vsdc1 D Vbat_osc “Reserved” “Reserved” Vlx_Vsdc1 Vbat_Vsdc1 Vbat_Vsdc1 E Vsdc1_sel1 Gnd_Vana2 Reserved F Gnd_Vana2 Vbat_Vana2 Vana2 G Gnd_IO Vana1_sel1 VddIO H Pwren SDA Vana3_sel1 Vdig_sel1 Reserved J VddOK Res_pro Vbat_Vmmc Vdig_sel0 SCL Vana2_sel0 Vana3_sel0 Gnd_IO Reserved K Sw_resetn Vmmc Vana1_sel0 Vsdc1_sel0 Vana2_sel1 Reserved Table 2. STw4510 ball connections in TFBGA49 4 mm x 4 mm x 1.2 mm package 12 3 4 5 6 7 A Gnd_Vsdc2 Vlx_Vsdc2 Vbat_Vsdc2 Gnd_ana Vdig Vbat_vdig Vbat_vana1_ vana3 B Gnd_Vsdc2 Vlx_Vsdc2 Vbat_Vsdc2 Vsdc2 Vbat-ana Vana1 Vana3 C Reserved Reserved Clk32k_in Reserved Pon Gnd_Vsdc1 Gnd_Vsdc1 D Gnd_osc Reserved Reserved Vref_18 Vsdc1 Vlx_Vsdc1 Vlx_Vsdc1 E Vbat_osc Reserved VddOK Vana1_sel<0> Reserved Vbat_Vsdc1 Vbat_Vsdc1 F Res_pro SW_Reset Pwren SDA Vana2_ sel<0> Vana3_ sel<0> Vminus G Vbat_mmc Vmmc SCL Vana2 Vbat_ana2 VddIO Vminus |