Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW4510 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 44Page - STMicroelectronics STW4510 Datasheet HTML 45Page - STMicroelectronics STW4510 Datasheet HTML 46Page - STMicroelectronics STW4510 Datasheet HTML 47Page - STMicroelectronics STW4510 Datasheet HTML 48Page - STMicroelectronics STW4510 Datasheet HTML 49Page - STMicroelectronics STW4510 Datasheet HTML 50Page - STMicroelectronics STW4510 Datasheet HTML 51Page - STMicroelectronics STW4510 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical and timing characteristics
STw4510
48/57
4.3.4
CMOS input static characteristics: Vbat level
4.3.5
NMOS input: Pon
Table 28.
CMOS input static characteristics: Vbat level
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
Vana1_sel[0:1], Vana2_sel[0:1], Vana3_sel[0:1], Vdig_sel[0:1], Vsdc1_sel[0:1]
VIL
Low level input voltage
0.3*Vbat
V
VIH
High level input voltage
0.7*Vbat
V
IIL
Low level input current
-1.0
1.5
µA
IIH
High Level Input Current
-1.0
1.5
µA
CIN
Input capacitance
10
pF
Table 29.
Pon input static characteristics
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
Pon
VIL
Low level input voltage
0.5
V
VIH
High level input voltage
1
Vbat
V
IIL
Low level input current
-1.0
1.5
µA
IIH
High Level Input Current
-1.0
1.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57