| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9211 Fiches technique(PDF) 82 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9211 Fiches technique(HTML) 82 Page - SMSC Corporation |
|
82 / 147 page ![]() High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support Datasheet Revision 2.9 (03-01-12) 82 SMSC LAN9211 DATASHEET 12:11 Reserved RO - 10 TX Data FIFO Overrun Interrupt (TDFO). Generated when the TX data FIFO is full, and another write is attempted. R/WC 0 9 TX Data FIFO Available Interrupt (TDFA). Generated when the TX data FIFO available space is greater than the programmed level. R/WC 0 8 TX Status FIFO Full Interrupt (TSFF). Generated when the TX Status FIFO is full. R/WC 0 7 TX Status FIFO Level Interrupt (TSFL). Generated when the TX Status FIFO reaches the programmed level. R/WC 0 6 RX Dropped Frame Interrupt (RXDF_INT). This interrupt is issued whenever a receive frame is dropped. R/WC 0 5 Reserved RO - 4 RX Status FIFO Full Interrupt (RSFF). Generated when the RX Status FIFO is full. R/WC 0 3 RX Status FIFO Level Interrupt (RSFL). Generated when the RX Status FIFO reaches the programmed level. R/WC 0 2-0 GPIO [2:0] (GPIOx_INT). Interrupts are generated from the GPIO’s. These interrupts are configured through the GPIO_CFG register. R/WC 000 BITS DESCRIPTION TYPE DEFAULT |