Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9211 Fiches technique(PDF) 49 Page - SMSC Corporation

No de pièce LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Fiches technique(HTML) 49 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 45Page - SMSC Corporation LAN9211 Datasheet HTML 46Page - SMSC Corporation LAN9211 Datasheet HTML 47Page - SMSC Corporation LAN9211 Datasheet HTML 48Page - SMSC Corporation LAN9211 Datasheet HTML 49Page - SMSC Corporation LAN9211 Datasheet HTML 50Page - SMSC Corporation LAN9211 Datasheet HTML 51Page - SMSC Corporation LAN9211 Datasheet HTML 52Page - SMSC Corporation LAN9211 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
49
Revision 2.9 (03-01-12)
DATASHEET
3.12.1
TX Buffer Format
TX buffers exist in the host’s memory in a given format. The host writes a TX command word into the
TX data buffer before moving the Ethernet packet data. The TX command A and command B are 32-
bit values that are used by the LAN9211 in the handling and processing of the associated Ethernet
packet data buffer. Buffer alignment, segmentation and other packet processing parameters are
included in the command structure. The following diagram illustrates the buffer format.
Figure 3.19 Simplified Host TX Flow Diagram
Idle
Check
available
FIFO
space
init
Write
TX
Command
Write
Buffer
Last Buffer in
Packet
Not Last Buffer
Write
Start
Padding
(optional)
Read TX
Status
(optional)
TX Status
Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More