Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9211 Fiches technique(PDF) 34 Page - SMSC Corporation

No de pièce LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Fiches technique(HTML) 34 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 30Page - SMSC Corporation LAN9211 Datasheet HTML 31Page - SMSC Corporation LAN9211 Datasheet HTML 32Page - SMSC Corporation LAN9211 Datasheet HTML 33Page - SMSC Corporation LAN9211 Datasheet HTML 34Page - SMSC Corporation LAN9211 Datasheet HTML 35Page - SMSC Corporation LAN9211 Datasheet HTML 36Page - SMSC Corporation LAN9211 Datasheet HTML 37Page - SMSC Corporation LAN9211 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
34
SMSC LAN9211
DATASHEET
Data path operations for the various supported endianess and word swap configurations are illustrated
in Figure 3.9. Table 3.8, "Endian Ordering Logic Operation" illustrates the byte ordering applied by the
endian logic for each type of host access. This figure and table assume an internal byte ordering of 3-
2-1-0, where ‘3’ is the most significant byte (data[31:24]) and ‘0’ is the least significant byte (data[7:0]).
Figure 3.8 LAN9211 Host Data Path Diagram
"W ORD SW AP"
Logic
FIFO Port Endian O rdering
Logic
RX/TX Data FIFO Port
Access (addresses 00h to
3Ch)
Direct FIFO Access Endian
O rdering Logic
RX/TX Data FIFO Direct
Access
(FIFO _SEL = 1)
CSRs and Status FIFO s
FPO RTEND
(HW _CFG [29])
FSELEND
(HW _CFG [28])
D[15:0]
(Host Data Bus)
W O RD_SW AP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More