| Moteur de recherche de fiches techniques de composants électroniques |
|
STGAP1ASTR Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP1ASTR Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 70 page ![]() Functional description STGAP1AS 32/70 DocID029344 Rev 2 Figure 12. Example of VCE active clamping protection connection When the VCECLAMP is activated during the turn-off phase a watchdog timer starts inside the driver. This timer allows the VCECLAMP pin to act on the driver's output status for a tVCECLoff time maximum. After that time has expired, the driver continues the normal turn- off ignoring the VCECLAMP pin status. This assures that the protection is only acting to clamp inductive VCE spikes during the turn-off. The timer is reset and the VCECLAMP protection is enabled again at the beginning of the following turn-off sequence. Figure 13. VCECLAMP timing diagram The VCECLAMP pin is masked and has no effect on the driver's outputs status when the external MOSFET/IGBT is on. The VCE active clamping protection can be disabled connecting the VCECLAMP pin to VL. Floating Section Control Logic VCECLAMP VH GON GOFF VL CLAMP GNDISO CLAMPth + VL VL VL Level Shifter tVCECLoff GON\GOFF VCECLAMP VCEcounter counting ready stopped ready stopped |