Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGAP1ASTR Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 54Page - STMicroelectronics STGAP1ASTR Datasheet HTML 55Page - STMicroelectronics STGAP1ASTR Datasheet HTML 56Page - STMicroelectronics STGAP1ASTR Datasheet HTML 57Page - STMicroelectronics STGAP1ASTR Datasheet HTML 58Page - STMicroelectronics STGAP1ASTR Datasheet HTML 59Page - STMicroelectronics STGAP1ASTR Datasheet HTML 60Page - STMicroelectronics STGAP1ASTR Datasheet HTML 61Page - STMicroelectronics STGAP1ASTR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
Programming manual
STGAP1AS
58/70
DocID029344 Rev 2
9.2.4
CFG4 register (isolated side)
The CFG4 register has the structure of Table 38.
The OVLO_EN bit enables the OVLO protection on the VH and VL power supply according
to Table 39.
The UVLOlatch bit sets if the UVLO is latched or not (refer to Section 7.4 on page 29 for
details).
Table 37. 2-level turn-off time value
2LTOtime [3 ... 0]
2-level turn-off time value [µs]
0000
Disabled
0001
0.75
0010
1.00
0011
1.50
0100
2.00
0101
2.50
0110
3.00
0111
3.50
1000
3.75
1001
4.00
1010
4.25
1011
4.50
1100
4.75
1101
5.00
1110
5.25
1111
5.50
Table 38. CFG4 register
-
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
OVLO_EN UVLOlatch
VLONth
VHONth
Default/reset
-
-
0
0
00
00
Table 39. VH and VL supply voltages OVLO enable
OVLO_EN
OVLO supply voltage enable
0
Disabled
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70