Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN8740 Fiches technique(PDF) 83 Page - Microchip Technology

No de pièce LAN8740
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740 Fiches technique(HTML) 83 Page - Microchip Technology

Back Button LAN8740 Datasheet HTML 79Page - Microchip Technology LAN8740 Datasheet HTML 80Page - Microchip Technology LAN8740 Datasheet HTML 81Page - Microchip Technology LAN8740 Datasheet HTML 82Page - Microchip Technology LAN8740 Datasheet HTML 83Page - Microchip Technology LAN8740 Datasheet HTML 84Page - Microchip Technology LAN8740 Datasheet HTML 85Page - Microchip Technology LAN8740 Datasheet HTML 86Page - Microchip Technology LAN8740 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 83
LAN8740A/LAN8740Ai
To read or write an MMD register, the following procedure must be observed:
1.
Write the MMD Access Control Register with 00b (address) for the MMD Function field and the desired MMD
device (3 for PCS, 7 for Auto-Negotiation) for the MMD Device Address (DEVAD) field.
2.
Write the MMD Access Address/Data Register with the 16-bit address of the desired MMD register to read/write
within the previously selected MMD device (PCS or Auto-Negotiation).
3.
Write the MMD Access Control Register with 01b (data) for the MMD Function field and choose the previously
selected MMD device (3 for PCS, 7 for Auto-Negotiation) for the MMD Device Address (DEVAD) field.
4.
If reading, read the MMD Access Address/Data Register, which contains the selected MMD register contents. If
writing, write the MMD Access Address/Data Register with the register contents intended for the previously
selected MMD register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More