Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN8740 Fiches technique(PDF) 79 Page - Microchip Technology

No de pièce LAN8740
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740 Fiches technique(HTML) 79 Page - Microchip Technology

Back Button LAN8740 Datasheet HTML 75Page - Microchip Technology LAN8740 Datasheet HTML 76Page - Microchip Technology LAN8740 Datasheet HTML 77Page - Microchip Technology LAN8740 Datasheet HTML 78Page - Microchip Technology LAN8740 Datasheet HTML 79Page - Microchip Technology LAN8740 Datasheet HTML 80Page - Microchip Technology LAN8740 Datasheet HTML 81Page - Microchip Technology LAN8740 Datasheet HTML 82Page - Microchip Technology LAN8740 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 79
LAN8740A/LAN8740Ai
4.2.20
INTERRUPT SOURCE FLAG REGISTER
Index (In Decimal):
29
Size:
16 bits
Bits
Description
Type
Default
15:9
RESERVED
RO
-
8
INT8
0 = Not source of interrupt
1 = Wake on LAN (WoL) event detected
RO/LH
0b
7
INT7
0 = Not source of interrupt
1 = ENERGYON generated
RO/LH
0b
6
INT6
0 = Not source of interrupt
1 = Auto-Negotiation complete
RO/LH
0b
5
INT5
0 = Not source of interrupt
1 = Remote Fault Detected
RO/LH
0b
4
INT4
0 = Not source of interrupt
1 = Link Down (link status negated)
RO/LH
0b
3
INT3
0 = Not source of interrupt
1 = Auto-Negotiation LP Acknowledge
RO/LH
0b
2
INT2
0 = Not source of interrupt
1 = Parallel Detection Fault
RO/LH
0b
1
INT1
0 = Not source of interrupt
1 = Auto-Negotiation Page Received
RO/LH
0b
0
RESERVED
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More