Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST49LF080A Fiches technique(PDF) 48 Page - Microchip Technology

No de pièce SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Fiches technique(HTML) 48 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 42Page - Microchip Technology SST49LF080A Datasheet HTML 43Page - Microchip Technology SST49LF080A Datasheet HTML 44Page - Microchip Technology SST49LF080A Datasheet HTML 45Page - Microchip Technology SST49LF080A Datasheet HTML 46Page - Microchip Technology SST49LF080A Datasheet HTML 47Page - Microchip Technology SST49LF080A Datasheet HTML 48Page - Microchip Technology SST49LF080A Datasheet HTML 49Page - Microchip Technology SST49LF080A Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
48
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Packaging Diagrams
Figure 38:32-lead Plastic Lead Chip Carrier (PLCC)
SST Package Code: NH
.040
.030
.021
.013
.530
.490
.095
.075
.140
.125
.032
.026
.032
.026
.029
.023
.453
.447
.553
.547
.595
.585
.495
.485
.112
.106
.042
.048
.048
.042
.015 Min.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
232
.400
BSC
32-plcc-NH-3
Note: 1. Complies with JEDEC publication 95 MS-016 AE dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (max/min).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .008 inches.
4. Coplanarity: 4 mils.
.050
BSC
.050
BSC
Optional
Pin #1
Identifier
.020 R.
MAX.
R.
x30°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50