Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3450 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Fiches technique(HTML) 5 Page - Microchip Technology

  USB3450 Datasheet HTML 1Page - Microchip Technology USB3450 Datasheet HTML 2Page - Microchip Technology USB3450 Datasheet HTML 3Page - Microchip Technology USB3450 Datasheet HTML 4Page - Microchip Technology USB3450 Datasheet HTML 5Page - Microchip Technology USB3450 Datasheet HTML 6Page - Microchip Technology USB3450 Datasheet HTML 7Page - Microchip Technology USB3450 Datasheet HTML 8Page - Microchip Technology USB3450 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
 2005 - 2016 Microchip Technology Inc.
DS00002105A-page 5
USB3450
1.1
Applications
The USB3450 is targeted for any application where a high speed USB connection is desired.
The USB3450 is well suited for:
• Cell Phones
• MP3 Players
• Scanners
• Set Top Boxes
• Printers
• External Hard Drives
• Still and Video Cameras
• Portable Media Players
• Entertainment Devices
1.2
Reference Documents
• Universal Serial Bus Specification, Revision 2.0, April 27, 2000
• Hi-Speed Transceiver Macrocell Interface (UTMI) Specification, Version 1.02, May 27, 2000
• UTMI+ Specification, Revision 1.0, February 2, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39