Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3450 Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Fiches technique(HTML) 33 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 29Page - Microchip Technology USB3450 Datasheet HTML 30Page - Microchip Technology USB3450 Datasheet HTML 31Page - Microchip Technology USB3450 Datasheet HTML 32Page - Microchip Technology USB3450 Datasheet HTML 33Page - Microchip Technology USB3450 Datasheet HTML 34Page - Microchip Technology USB3450 Datasheet HTML 35Page - Microchip Technology USB3450 Datasheet HTML 36Page - Microchip Technology USB3450 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
2005 - 2016 Microchip Technology Inc.
DS00002105A-page 33
USB3450
7.0
PACKAGE OUTLINE
FIGURE 7-1:
USB3450-FZG 40 PIN QFN PACKAGE OUTLINE, 6 X 6 X 0.9 MM BODY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39