| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L071xZ Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071xZ Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 136 page ![]() DocID027101 Rev 3 45/136 STM32L071xx Pin descriptions 51 30 29 43 59 C3 C3 93 B4 PB7 I/O FTf - USART1_RX, I2C1_SDA, LPTIM1_IN2, USART4_CTS COMP2_INP, VREF_PVD_IN 31 30 44 60 B4 A5 94 A4 BOOT0 I - - - - - 45 61 B3 B5 95 A3 PB8 I/O FTf - I2C1_SCL - - - 46 62 A3 A6 96 B3 PB9 I/O FTf - EVENTOUT, I2C1_SDA, SPI2_NSS/I2S2_WS - - - - - - - 97 C3 PE0 I/O FT - EVENTOUT - - - - - - - 98 A2 PE1 I/O FT - EVENTOUT - 32 31 47 63 D4 - 99 D3 VSS S - - - -32 48 64 E4 A7 100 C4 VDD S - - - 1. UFQFPN32 pinout differs from other STM32 devices except STM32L07xxx and STM32L8xxx. Table 15. STM32L071xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |