| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L071xZ Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071xZ Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 136 page ![]() Pin descriptions STM32L071xx 44/136 DocID027101 Rev 3 - - --- - 81 C9 PD0 I/O FT - TIM21_CH1, SPI2_NSS/I2S2_WS - - - - - - - 82 B9 PD1 I/O FT - SPI2_SCK/I2S2_CK - -- - 54 B5 - 83 C8 PD2 I/O FT - LPUART1_RTS_DE, TIM3_ETR, USART5_RX - - - --- - 84 B8 PD3 I/O FT - USART2_CTS, SPI2_MISO/I2S2_MCK - - - --- - 85 B7 PD4 I/O FT - USART2_RTS_DE, SPI2_MOSI/I2S2_SD - - - --- - 86 A6 PD5 I/O FT - USART2_TX - - - --- - 87 B6 PD6 I/O FT - USART2_RX - - - --- - 88 A5 PD7 I/O FT - USART2_CK, TIM21_CH2 - 26 - 39 55 A5 A3 89 A8 PB3 I/O FT - SPI1_SCK, TIM2_CH2, EVENTOUT, USART1_RTS_DE, USART5_TX COMP2_INM 27 26 40 56 A4 B3 90 A7 PB4 I/O FTf - SPI1_MISO, TIM3_CH1, TIM22_CH1, USART1_CTS, USART5_RX, I2C3_SDA COMP2_INP 28 27 41 57 C4 A4 91 C5 PB5 I/O FT - SPI1_MOSI, LPTIM1_IN1, I2C1_SMBA, TIM3_CH2/TIM22_CH2, USART1_CK, USART5_CK/USART5_ RTS_DE COMP2_INP 29 28 42 58 D3 B4 92 B5 PB6 I/O FTf - USART1_TX, I2C1_SCL, LPTIM1_ETR, COMP2_INP Table 15. STM32L071xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |