| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L071xZ Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071xZ Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 136 page ![]() Pin descriptions STM32L071xx 42/136 DocID027101 Rev 3 - - 21 29 G7 G3 47 L10 PB10 I/O FT - TIM2_CH3, LPUART1_TX, SPI2_SCK, I2C2_SCL, LPUART1_RX - - - 22 30 H7 F3 48 L11 PB11 I/O FT - EVENTOUT, TIM2_CH4, LPUART1_RX, I2C2_SDA, LPUART1_TX - 16 16 23 31 D6 D4 49 F12 VSS S - - - 17 17 24 32 E6 G2 50 G12 VDD S - - - - - 25 33 H8 G1 51 L12 PB12 I/O FT - SPI2_NSS/I2S2_WS, LPUART1_RTS_DE, I2C2_SMBA, EVENTOUT - - - 26 34 G8 F2 52 K12 PB13 I/O FTf - SPI2_SCK/I2S2_CK, MCO, LPUART1_CTS, I2C2_SCL, TIM21_CH1 - - - 27 35 F8 F1 53 K11 PB14 I/O FTf - SPI2_MISO/I2S2_MCK, RTC_OUT, LPUART1_RTS_DE, I2C2_SDA, TIM21_CH2 - - - 28 36 F7 E1 54 K10 PB15 I/O FT - SPI2_MOSI/I2S2_SD, RTC_REFIN - - - - - - - 55 K9 PD8 I/O FT - LPUART1_TX - - - --- - 56 K8 PD9 I/O FT - LPUART1_RX - - - - - - - 57 J12 PD10 I/O FT - - - - - - - - 58 J11 PD11 I/O FT - LPUART1_CTS - - - - - - - 59 J10 PD12 I/O FT - LPUART1_RTS_DE - - - - - - - 60 H12 PD13 I/O FT - - - - --- - 61 H11 PD14 I/O FT - - - - - - - - 62 H10 PD15 I/O FT - - - - - 37 F6 - 63 E12 PC6 I/O FT - TIM22_CH1, TIM3_CH1 - - - - 38 E7 - 64 E11 PC7 I/O FT - TIM22_CH2, TIM3_CH2 - Table 15. STM32L071xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |