Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F479AI Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce STM32F479AI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 63Page - STMicroelectronics STM32F479AI Datasheet HTML 64Page - STMicroelectronics STM32F479AI Datasheet HTML 65Page - STMicroelectronics STM32F479AI Datasheet HTML 66Page - STMicroelectronics STM32F479AI Datasheet HTML 67Page - STMicroelectronics STM32F479AI Datasheet HTML 68Page - STMicroelectronics STM32F479AI Datasheet HTML 69Page - STMicroelectronics STM32F479AI Datasheet HTML 70Page - STMicroelectronics STM32F479AI Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 217 page
background image
DocID028010 Rev 3
67/217
STM32F479xx
Pinouts and pin description
82
-
128
A7
A6
B8
155 181
C7
PG12
I/O
FT
-
SPI6_MISO,
USART6_RTS, LCD_B4,
FMC_NE4, LCD_B1,
EVENTOUT
-
-
-
A6
E8
A8
156 182
B3
PG13
I/O
FT
-
TRACED0, SPI6_SCK,
USART6_CTS,
ETH_MII_TXD0/ETH_RMII
_TXD0, FMC_A24,
LCD_R0, EVENTOUT
-
-
-
-
-
A7
157 183
A4
PG14
I/O
FT
-
TRACED1, SPI6_MOSI,
USART6_TX,
QUADSPI_BK2_IO3,
ETH_MII_TXD1/ETH_RMII
_TXD1, FMC_A25,
LCD_B0, EVENTOUT
-
-
129
-
B7
D7
158 184
F7
VSS
S
-
-
-
-
-
130
-
A7
C7
159 185
E8
VDD
S
-
-
-
-
-
-
-
-
-
-
186
D8
PK3
I/O
FT
-
LCD_B4, EVENTOUT
-
-
-
-
-
-
-
187
D7
PK4
I/O
FT
-
LCD_B5, EVENTOUT
-
-
-
-
-
-
-
188
C6
PK5
I/O
FT
-
LCD_B6, EVENTOUT
-
-
-
-
-
-
-
189
C5
PK6
I/O
FT
-
LCD_B7, EVENTOUT
-
-
-
-
-
-
-
190
C4
PK7
I/O
FT
-
LCD_DE, EVENTOUT
-
-
131
F6
D8
B7
160 191
B7
PG15
I/O
FT
-
USART6_CTS,
FMC_SDNCAS,
DCMI_D13, EVENTOUT
-
92
132
B5
A8
A10 161 192 A10
PB3(JTDO/TRA
CESWO)
I/O
FT
-
JTDO/TRACESWO,
TIM2_CH2, SPI1_SCK,
SPI3_SCK/I2S3_CK,
EVENTOUT
-
93
133
D6
C8
A9
162 193
A9
PB4(NJTRST)
I/O
FT
-
NJTRST, TIM3_CH1,
SPI1_MISO, SPI3_MISO,
I2S3ext_SD, EVENTOUT
-
94
134
D5
B8
A6
163 194
A8
PB5
I/O
FT
-
TIM3_CH2, I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI/I2S3_SD,
CAN2_RX,
OTG_HS_ULPI_D7,
ETH_PPS_OUT,
FMC_SDCKE1, DCMI_D10,
LCD_G7, EVENTOUT
-
95
135
C5
G8
B6
164 195
B6
PB6
I/O
FT
-
TIM4_CH1, I2C1_SCL,
USART1_TX, CAN2_TX,
QUADSPI_BK1_NCS,
FMC_SDNE1, DCMI_D5,
EVENTOUT
-
Table 10. STM32F479xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More