Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F479AI Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce STM32F479AI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 58Page - STMicroelectronics STM32F479AI Datasheet HTML 59Page - STMicroelectronics STM32F479AI Datasheet HTML 60Page - STMicroelectronics STM32F479AI Datasheet HTML 61Page - STMicroelectronics STM32F479AI Datasheet HTML 62Page - STMicroelectronics STM32F479AI Datasheet HTML 63Page - STMicroelectronics STM32F479AI Datasheet HTML 64Page - STMicroelectronics STM32F479AI Datasheet HTML 65Page - STMicroelectronics STM32F479AI Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 217 page
background image
Pinouts and pin description
STM32F479xx
62/217
DocID028010 Rev 3
-
-
J9
M4
-
-
100 P15
PH10
I/O
FT
-
TIM5_CH1, FMC_D18,
DCMI_D1, LCD_R4,
EVENTOUT
-
-
-
K9
N3
-
-
101 N15
PH11
I/O
FT
-
TIM5_CH2, FMC_D19,
DCMI_D2, LCD_R5,
EVENTOUT
-
-
-
H10
P2
-
-
102 M15
PH12
I/O
FT
-
TIM5_CH3, FMC_D20,
DCMI_D3, LCD_R6,
EVENTOUT
-
--
-
H7
-
--
K10
VSS
S
-
-
-
-
-
66
---
-
103 K11
VDD
S
-
-
-
-
46
67
N10
H5
P12
85
104 L13
PB12
I/O
FT
-
TIM1_BKIN, I2C2_SMBA,
SPI2_NSS/I2S2_WS,
USART3_CK, CAN2_RX,
OTG_HS_ULPI_D5,
ETH_MII_TXD0/ETH_RMII
_TXD0, OTG_HS_ID,
EVENTOUT
-
47
68
N11
K4
P13
86
105 K14
PB13
I/O
FT
-
TIM1_CH1N,
SPI2_SCK/I2S2_CK,
USART3_CTS, CAN2_TX,
OTG_HS_ULPI_D6,
ETH_MII_TXD1/ETH_RMII
_TXD1, EVENTOUT
OTG_HS_
VBUS
48
69
N12
P1
R14
87
106 R14
PB14
I/O
FT
-
TIM1_CH2N, TIM8_CH2N,
SPI2_MISO, I2S2ext_SD,
USART3_RTS,
TIM12_CH1, OTG_HS_DM,
EVENTOUT
-
49
70
N13
N2
R15
88
107 R15
PB15
I/O
FT
-
RTC_REFIN, TIM1_CH3N,
TIM8_CH3N,
SPI2_MOSI/I2S2_SD,
TIM12_CH2, OTG_HS_DP,
EVENTOUT
-
50
71
L10
L4
P15
89
108 L15
PD8
I/O
FT
-
USART3_TX, FMC_D13,
EVENTOUT
-
51
72
M10
N1
P14
90
109 L14
PD9
I/O
FT
-
USART3_RX, FMC_D14,
EVENTOUT
-
52
73
L11
M3
N15
91
110 K15
PD10
I/O
FT
-
USART3_CK, FMC_D15,
LCD_B3, EVENTOUT
-
-
74
M11
J4
N14
92
111 N10
PD11
I/O
FT
-
USART3_CTS,
QUADSPI_BK1_IO0,
FMC_A16/FMC_CLE,
EVENTOUT
-
Table 10. STM32F479xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More