| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F479AI Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479AI Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 217 page ![]() Pinouts and pin description STM32F479xx 60/217 DocID028010 Rev 3 30 42 K5 N9 R4 57 62 R4 PB1 I/O FT (5) TIM1_CH3N, TIM3_CH4, TIM8_CH3N, LCD_R6, OTG_HS_ULPI_D2, ETH_MII_RXD3, LCD_G0, EVENTOUT ADC12_IN9 31 43 L5 P9 M6 58 63 M5 PB2- BOOT1(PB2) I/O FT - EVENTOUT - - - - - - - 64 G4 PI15 I/O FT - LCD_G2, LCD_R0, EVENTOUT - - - --- - 65 R6 PJ0 I/O FT - LCD_R7, LCD_R1, EVENTOUT - - - - - - - 66 R7 PJ1 I/O FT - LCD_R2, EVENTOUT - - - --- - 67 P7 PJ2 I/O FT - DSIHOST_TE, LCD_R3, EVENTOUT - - - - - - - 68 N8 PJ3 I/O FT - LCD_R4, EVENTOUT - - - - - - - 69 M9 PJ4 I/O FT - LCD_R5, EVENTOUT - - 44 M5 K7R659 70 P8 PF11 I/O FT - SPI5_MOSI, FMC_SDNRAS, DCMI_D12, EVENTOUT - - 45 N5 M8 P6 60 71 M6 PF12 I/O FT - FMC_A6, EVENTOUT - - - J6 N8 M8 61 72 K7 VSS S - - - - - 46 K6 P8N862 73 L8 VDD S - - - - - 47 M4 J7 N663 74N6 PF13 I/O FT - FMC_A7, EVENTOUT - - 48H5 L7 R764 75 P6 PF14 I/O FT - FMC_A8, EVENTOUT - - 49M6 H8 P7 65 76M8 PF15 I/O FT - FMC_A9, EVENTOUT - - 50N6 J6 N766 77N7 PG0 I/O FT - FMC_A10, EVENTOUT - - 51M7 P7 M767 78M7 PG1 I/O FT - FMC_A11, EVENTOUT - 32 52 N7 N7 R8 68 79 R8 PE7 I/O FT - TIM1_ETR, UART7_Rx, QUADSPI_BK2_IO0, FMC_D4, EVENTOUT - 33 53 G6 M7 P8 69 80 N9 PE8 I/O FT - TIM1_CH1N, UART7_Tx, QUADSPI_BK2_IO1, FMC_D5, EVENTOUT - 34 54 H6 K6 P9 70 81 P9 PE9 I/O FT - TIM1_CH1, QUADSPI_BK2_IO2, FMC_D6, EVENTOUT - - 55 J7 - M9 71 82 K8 VSS S - - - - - 56 L6 - N9 72 83 L9 VDD S - - - - 35 57 H7 P6 R9 73 84 R9 PE10 I/O FT - TIM1_CH2N, QUADSPI_BK2_IO3, FMC_D7, EVENTOUT - Table 10. STM32F479xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |