Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER35 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 34Page - STMicroelectronics VIPER35 Datasheet HTML 35Page - STMicroelectronics VIPER35 Datasheet HTML 36Page - STMicroelectronics VIPER35 Datasheet HTML 37Page - STMicroelectronics VIPER35 Datasheet HTML 38Page - STMicroelectronics VIPER35 Datasheet HTML 39Page - STMicroelectronics VIPER35 Datasheet HTML 40Page - STMicroelectronics VIPER35 Datasheet HTML 41Page - STMicroelectronics VIPER35 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Package information
VIPer35
38/44
DocID026980 Rev 4
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
9.1
SO16N package information
Figure 44. SO16N package outline
0016020_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44