Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER35 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 13Page - STMicroelectronics VIPER35 Datasheet HTML 14Page - STMicroelectronics VIPER35 Datasheet HTML 15Page - STMicroelectronics VIPER35 Datasheet HTML 16Page - STMicroelectronics VIPER35 Datasheet HTML 17Page - STMicroelectronics VIPER35 Datasheet HTML 18Page - STMicroelectronics VIPER35 Datasheet HTML 19Page - STMicroelectronics VIPER35 Datasheet HTML 20Page - STMicroelectronics VIPER35 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
DocID026980 Rev 4
17/44
VIPer35
Typical circuits
44
6
Typical circuits
Figure 23. Min-feature quasi-resonant flyback (isolated)
Figure 24. Full-feature quasi-resonant flyback (isolated)
CVDD
RLIM
C2
GND
OPTO
VOUT
OPTO
C5
REF
BR
ZCD
DRAIN
GND
CONTROL
VDD
FB
VIPER35
BR
R2
D2
AC IN
AC IN
D3
DOVP
C3
ROVP
C4
R4
R5
C1
R3
D1
R1
GIPG2801151023LM
T3
CVDD
RLIM
C2
GND
VOUT
OPTO
OPTO
C5
REF
BR
ZCD
DRAIN
GND
CONTROL
VDD
FB
VIPER35
BR
R2
D2
AC IN
AC IN
DOVP
R6
C6
C3
ROVP
C4
R4
R5
C1
R3
D1
R1
Rf f
T3
R8
R7
D3
GIPG2801151020LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44