Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER35 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 27Page - STMicroelectronics VIPER35 Datasheet HTML 28Page - STMicroelectronics VIPER35 Datasheet HTML 29Page - STMicroelectronics VIPER35 Datasheet HTML 30Page - STMicroelectronics VIPER35 Datasheet HTML 31Page - STMicroelectronics VIPER35 Datasheet HTML 32Page - STMicroelectronics VIPER35 Datasheet HTML 33Page - STMicroelectronics VIPER35 Datasheet HTML 34Page - STMicroelectronics VIPER35 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
DocID026980 Rev 4
31/44
VIPer35
Operation description
44
Figure 38. Timing diagram: OVP
8.12
ZCD pin summary
With reference to Figure 37, the circuitry connected to the ZCD pin enables the following
functions:
1.
Current limit set-point (IDLIM)
2.
Line feed-forward compensation (FF)
3.
Output overvoltage protection (OVP)
4.
Zero-current detection for QR operation
Chosen RLIM, RFF and ROVP as described in the previous sections, these functions are
automatically defined.
Table 7 refers to Figure 37 and lists the external resistance combinations needed to activate
one or more functions associated to ZCD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44