| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L073X8 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L073X8 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 139 page ![]() DocID027096 Rev 3 45/139 STM32L073xx Pin descriptions 55 - - - 41 L8 PE10 I/O FT - TIM2_CH2, LCD_SEG40, USART5_TX - - - - 42 M9 PE11 I/O FT - TIM2_CH3, USART5_RX LCD_VLCD2 - - - 43 L9 PE12 I/O FT - TIM2_CH4, SPI1_NSS LCD_VLCD3 - - - 44 M10 PE13 I/O FT - LCD_SEG41, SPI1_SCK - - - - 45 M11 PE14 I/O FT - LCD_SEG42, SPI1_MISO - - - - 46 M12 PE15 I/O FT - LCD_SEG43, SPI1_MOSI - 21 29 G7 47 L10 PB10 I/O FT - LCD_SEG10, TIM2_CH3, TSC_SYNC, LPUART1_TX, SPI2_SCK, I2C2_SCL, LPUART1_RX - 22 30 H7 48 L11 PB11 I/O FT - EVENTOUT, LCD_SEG11, TIM2_CH4, TSC_G6_IO1, LPUART1_RX, I2C2_SDA, LPUART1_TX - 23 31 D6 49 F12 VSS S - - - 24 32 E5 50 G12 VDD S - - - 25 33 H8 51 L12 PB12 I/O FT - SPI2_NSS/I2S2_WS, LCD_SEG12, LPUART1_RTS_DE, TSC_G6_IO2, I2C2_SMBA, EVENTOUT LCD_VLCD2 26 34 G8 52 K12 PB13 I/O FTf - SPI2_SCK/I2S2_CK, LCD_SEG13, MCO, TSC_G6_IO3, LPUART1_CTS, I2C2_SCL, TIM21_CH1 - 27 35 F8 53 K11 PB14 I/O FTf - SPI2_MISO/I2S2_MCK, LCD_SEG14, RTC_OUT, TSC_G6_IO4, LPUART1_RTS_DE, I2C2_SDA, TIM21_CH2 - 28 36 F7 54 K10 PB15 I/O FT - SPI2_MOSI/I2S2_SD, LCD_SEG15, RTC_REFIN - - - - 55 K9 PD8 I/O FT - LPUART1_TX, LCD_SEG28 - Table 16. STM32L073xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |