Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L073X8 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STM32L073X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L073X8 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STM32L073X8 Datasheet HTML 40Page - STMicroelectronics STM32L073X8 Datasheet HTML 41Page - STMicroelectronics STM32L073X8 Datasheet HTML 42Page - STMicroelectronics STM32L073X8 Datasheet HTML 43Page - STMicroelectronics STM32L073X8 Datasheet HTML 44Page - STMicroelectronics STM32L073X8 Datasheet HTML 45Page - STMicroelectronics STM32L073X8 Datasheet HTML 46Page - STMicroelectronics STM32L073X8 Datasheet HTML 47Page - STMicroelectronics STM32L073X8 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 139 page
background image
Pin descriptions
STM32L073xx
44/139
DocID027096 Rev 3
-
18
C2
27
E3
VSS
S
-
-
-
-
-19
D2
28
H3
VDD
S
-
-
-
-
14
20
H3
29
M3
PA4
I/O
TC
(1) SPI1_NSS, TSC_G2_IO1,
USART2_CK, TIM22_ETR
COMP1_INM,
COMP2_INM, ADC_IN4,
DAC_OUT1
15
21
F4
30
K4
PA5
I/O
TC
-
SPI1_SCK, TIM2_ETR,
TSC_G2_IO2, TIM2_CH1
COMP1_INM,
COMP2_INM, ADC_IN5,
DAC_OUT2
16
22
G4
31
L4
PA6
I/O
FT
-
SPI1_MISO, LCD_SEG3,
TIM3_CH1, TSC_G2_IO3,
LPUART1_CTS,
TIM22_CH1, EVENTOUT,
COMP1_OUT
ADC_IN6
17
23
H4
32
M4
PA7
I/O
FT
-
SPI1_MOSI, LCD_SEG4,
TIM3_CH2, TSC_G2_IO4,
TIM22_CH2, EVENTOUT,
COMP2_OUT
ADC_IN7
-
24
H5
33
K5
PC4
I/O
FT
-
EVENTOUT, LCD_SEG22,
LPUART1_TX
ADC_IN14
-
25
H6
34
L5
PC5
I/O
FT
-
LCD_SEG23,
LPUART1_RX,
TSC_G3_IO1
ADC_IN15
18
26
F5
35
M5
PB0
I/O
FT
-
EVENTOUT, LCD_SEG5,
TIM3_CH3, TSC_G3_IO2
LCD_VLCD3, ADC_IN8,
VREF_OUT
19
27
G5
36
M6
PB1
I/O
FT
-
LCD_SEG6, TIM3_CH4,
TSC_G3_IO3,
LPUART1_RTS_DE
ADC_IN9, VREF_OUT
20
28
G6
37
L6
PB2
I/O
FT
-
LPTIM1_OUT,
TSC_G3_IO4,
I2C3_SMBA
LCD_VLCD1
-
-
-
38
M7
PE7
I/O
FT
-
LCD_SEG45,
USART5_CK/USART5_
RTS
-
-
-
-
39
L7
PE8
I/O
FT
- LCD_SEG46, USART4_TX
-
-
-
-
40
M8
PE9
I/O
FT
-
TIM2_CH1, LCD_SEG47,
TIM2_ETR, USART4_RX
-
Table 16. STM32L073xx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More